PART |
Description |
Maker |
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|
CS8151 |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, /RESET, and Wake Up(5.0 V, 100 mA,带看门狗、复位(/RESET)端与唤醒功能的低压差线性稳压器)
|
ON Semiconductor
|
MAX4834 MAX4833 MAX4835 MAX4834ETT18C-T MAX4834ETT |
2.5 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 250 mA LDO linear regulator with current-limiting switch 2.5 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, PDSO6 2.8 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, DSO6 250mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
P4C1281L-30CC P4C1281L-30CM P4C1281L-30JC P4C1282L |
Dual LDO w/Microcontroller Reset Function, -40C to 125C, 8-DFN, T/R DUAL LDO W/MICROCONTROLLER, -40C to 125C, 8-DFN, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R DUAL LDO W/MICROCONTROLLER WITH RESET FUNCTION, -40C to 125C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
TE Connectivity, Ltd.
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
TC1301B-GFDVMF TC1301B-GDDVMF TC1301B-GFDVMFTR TC1 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Dual LDO with Microcontroller RESET Function
|
http:// Microchip Technology
|
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
3-540-068 3660038000 3761021000 |
BOX SEALED ABS ((NS)) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马格劳122X120X40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马运输200X120X60
|
CTS, Corp. Air Cost Control
|
4016505 4006203 4006202 4006201 4665000 4565000200 |
MITRE JOINT TYPE 2 FOR S40 TEE NUTS N-M6 FOR S30 TEE NUTS N-M5 FOR S30 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100 2M LENGTH S40 CONNECTOR L FOOT M10 S40 CONNECTION FOOT M8 FOOT M12 S80 CONNECTION F40X120 2M LENGTH F100X100 CON. PLATE M12 TEE NUTS F-M4 FOR S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FR30接线 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100脚节能。板头M8 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 脚连接板M10驱 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 尖括 S30 BASE ANGLE FOR S40 底角的S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 一S80最适合切割成一定长 F40G CUT TO LENGTH F40G切成需要的长度
|
TE Connectivity, Ltd. Amphenol, Corp. Henkel Corporation / Loctite NXP Semiconductors N.V. Glenair, Inc. Avago Technologies, Ltd. Harwin PLC
|
CS8151D2G CS8151YDWFR16G CS8151D2R2G CS8151YDWF16G |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5 V, 100 mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14
|
ON Semiconductor
|
|